PART |
Description |
Maker |
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
FDS8958A10 FDS8958A FDS8958AF085 |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench MOSFET 7 A, 30 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
USB10H |
Dual P-Channel 2.5V Specified PowerTrench MOSFET Dual P-Channel 2.5V Specified PowerTrench MOSFET(双P沟道 PowerTrench MOS场效应管(漏电流-1.9A, 漏源电压-20V,导通电.17Ω 1900 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Vishay Intertechnology, Inc.
|
FDS9958 |
-60V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench㈢ MOSFET Dual P-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
HUFA76504DK8T HUFA76504DK8 |
2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 2500 mA, 80 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ZXMD63P03X ZXMD63P03XTA ZXMD63P03XTC |
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 2000 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FDS3890 FDS3890L86Z |
4.7 A, 80 V, 0.044 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 80V N-Channel Dual PowerTrench MOSFET 80V N-Channel Dual PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
|